Part Number Hot Search : 
THL41A SF8GZ47 256A0 D6015LTP C18F44 AD9648 CM1001 SC4509
Product Description
Full Text Search
 

To Download EQXP-LC52 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EURO QUARTZ
EQXP-LC52 SERIES
Features * * * * * * Extremely low jitter Low cost Express delivery Stability from 20ppm, -40 to +85C RoHS compliant Serial ID with comprehensive traceability
LVDS 5x3.2mm 2.5V OSCILLATOR
Freq: 0.75MHz to 1.0GHz
OUTLINE & DIMENSIONS
Description The XPRESSO range of fully configurable oscillators utilizes a family of proprietary ASICs developed for noise reduction to provide oscillators with noise levels comparable to traditional bulk-produced quartz and SAW-based oscillators. XPRESSO oscillators are low-cost, low-noise, with a wide frequency range, excellent ambient performance and available on very short leadtimes. All XPRESSO oscillators are 100% final tested .
Typical applications * Any application requiring an oscillator. * SONET * Ethernet * Storage Area Networks * Broadband Access * Microprocessors/DSP/FPGA * Industrial Controllers * Test and measurement * Fibre Channel
Electrical Specification Frequency Range: Frequency stability: Operating Temperature Range: Storage Temperature Range: Supply Voltage: Input Current 0.75 ~ 20.0MHz: 20+ ~ 220.0MHz: 220+ ~ 630.0MHz: 630+ ~ 1.0GHz: Output Symmetry: Rise/Fall Time: Differential Output Voltage: Output Offset Voltage: Output Load: Start-up Time: Output Enable/Disable Time: Maximum Soldering Parameters: Moisture Sensitivity Level: Termination Finish: 0.750MHz ~ 1.0GHz from 20ppm to 100ppm -40 ~ +85C -55 ~ +125C +2.5Volts 5% 26mA 34mA 44mA 65mA 45/55% 400ps 0.4 Volts typical 1.25 Volts typical 100W typical 10ms 100ns 260C for 10 seconds 1 Au
Supply Format Tape and Reel, 12mm tape, 8.0mm pitch, 1k reel = 178mmO 2k reel = 255mmO
Model Selection Guide
EQXP - L C 5 2 0 R - 781.250000
L = LVDS C = Ceramic 5 = 5x3.2mm 2 = 2.5V 0 5 6 8 Frequency Blank = -20~+70C R = -40 ~ +85C = + = = 100ppm 50ppm 25ppm 20ppm (-20~+70 only)
Jitter Measurements Rj/Dj Composition Frequency Phase Jitter Time Interval Error Random Deterministic Total Jitter (Tj) (14*Rj)+Dj Jitter (Dj) (MHz) (12kHz~20MHz) s of jitter distribution Jitter (Rj) (ps) (ps p-p) (ps RMS) (ps RMS) (ps RMS) 62.5 156.25 212.50 622.08 2.12 1.04 0.35 1.30 3.1 3.5 4.2 3.7 1.35 1.40 1.42 1.18 8.4 9.2 10.9 10.4 27.6 29.2 31.2 27.2
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk


▲Up To Search▲   

 
Price & Availability of EQXP-LC52

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X